Part Number Hot Search : 
FAN3100 NSA147 DFLS260 FLU40 1206G 1N4587 LBW1C2A ILC809W
Product Description
Full Text Search
 

To Download REC3-1233SRWH4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

UL-60950-1 / CSA C22.2 certified 3W DIP Package 4kVDC & 6kVDC Isolation Regulated Output Continuous Short Circuit Protection Auto-Restarting Wide Input 2:1 & 4:1 UL94V-0 Package Material Cost Effective 100% Burned In Efficiency to 86%
ECONOLINE
DC/DC-Converter
REC3S_DRW/H4, H6 Series
Efficiency (%) 66-76 71-79 74-83 75-85 75-86 74-83 75-85 75-86 77-79 78-80 80-83 83-85 83-85 77-80 83-85 83-85
Selection Guide
Part Number DIP24 REC3-xx3.3SRW (H4/H6) REC3-xx05SRW (H4/H6) REC3-xx09SRW (H4/H6) REC3-xx12SRW (H4/H6) REC3-xx15SRW (H4/H6) REC3-xx05DRW (H4/H6) REC3-xx12DRW (H4/H6) REC3-xx15DRW (H4/H6) REC3-xx3.3SRWZ (H4/H6) REC3-xx05SRWZ (H4/H6) REC3-xx09SRWZ (H4/H6) REC3-xx12SRWZ (H4/H6) REC3-xx15SRWZ (H4/H6) REC3-xx05DRWZ (H4/H6) REC3-xx12DRWZ (H4/H6) REC3-xx15DRWZ (H4/H6) 2:1 Input (REC3-S/DRWH4/H6) xx = 4.5-9Vin = 05 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48 Input Voltage (VDC) 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 Output Voltage (VDC) 3.3 5 9 12 15 5 12 15 3.3 5 9 12 15 5 12 15 Output Current (mA) 900 600 330 250 200 300 125 100 850 600 330 250 200 300 125 100
3 Watt DIP24 / SMD Single & Dual Output
* add suffix "/H4" for 4kVDC isolation and "/H6" 4:1 Input for 6kVDC isolation (REC3-S/DRWZ(H4/H6)) A C add suffix "/A" or "/C" for Pinning, see next page xx = 9-36Vin = 24 B "B" Pinning is NOT available for this series ! xx = 18-72Vin = 48 M add suffix "/M" for metal case e.g. REC3-2412SRW/H4/AM = A 4kVDC isol. / Pinout "A" / metal case
Notes :
M 1. If the options "/M" for metal case and S "/SMD" for SMD pinout are combined the maximum allowed isolation voltage is 2kVDC because of the shoter distances between pins and metal-case, so only available SMDH option in metal-case is "/H2". DIP-24 through-hole case and SMD-plastic case are not affected and offer the desired isolation barriers of 4kVDC for "/H4" option and 6kVDC for "/H6".
Description
This series offers high isolation of 4kVDC (= option "H4") or 6kVDC (= option "H6") making it ideal for medical applications and other sophisticated industrial applications. UL-1950 approval of this series is is applied for. Packaging can be either DIP-24 non-conductive plastic or 5-side-shielded DIP24 metal case (= option "M") as well as DIP24-SMD case (= option "SMD"). For all the above variants, 2 industry-standard-pinouts (= option "A" or "C") are available.
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL) 2:1 Input types 4:1 Input types 2:1 & 4:1 2% max. 0.4% max. 0.3% max. continued on next page www.recom-international.com April-2005 99
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
REC3-S_DRW/H4,H6 Series
0.6% max. 50mVp-p max. 90kHz min. / 150kHz max. 120kHz min. / 180kHz max. Pi Network see above
Output Power (%)
Load Regulation (for output load current change from 20% to 100%) Output Ripple and Noise (0,1F capacitor on output, 20MHz BW) Switching Frequency at Full Load 2:1 Input types and nominal Input Voltage 4:1 Input types Input Filter Efficiency at Full Load
Derating-Graph
(Ambient Temperature)
120 100 80 60 50 40 20 0 -25
Vin = 5V
Isolation Voltage SMD Pinout and metal case (see note1) (tested for 1 second) 2.000VDC min. Rated Working Voltage (long term isolation) see Application Notes Isolation Voltage H4 types Rated Working Voltage Isolation Voltage H6 types Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight MTBF (+25C) (+85C) Natural convection MSL Level 1 5V input types others (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) 2:1 Input types 4:1 Input types 4.000VDC min. see Application Notes 6.000VDC min. see Application Notes 20pF min. / 60pF max. 40pF min. / 80pF max. 1 G min. Continuous, Auto Restart -25C to +80C (see Graph) -25C to +85C (see Graph) -55C to +125C 95% RH Non-Conductive Plastic 20C/W for metal case 12 g using MIL-HDBK 217F Detailed Information see Application Notes chapter "MTBF" using MIL-HDBK 217F 1043 x 10 hours 186 x 103 hours
3
Safe Operating Area
100 50 75 125 80 105 Operating Temperature (C) 0 25
120 100 80 60 50 40 20 0 -25
Output Power (%)
Safe Operating Area
0
25
50 75
100 85 105
125
}
Operating Temperature (C)
Typical Characteristics
Single 2:1 Input Single 2:1 Input
Efficiency / Load
100 80 60 40
Dual 2:1 Input
Efficiency / Load
100 80 60
Efficiency / Load 2415 2409 2405 Efficiency %
100 80 60 40 20 0
2418
1212D
0512D
1205 4805
2424 Efficiency %
40 20 0
0515D
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Single 4:1 Input
Efficiency / Load
100 80 60 40
Single 4:1 Input
Efficiency / Load
100 80 60
Dual 4:1 Input
Efficiency / Load
100 80 60
2405/ H4
4805/ H4
2412D/ H4
Efficiency %
Efficiency %
20 0
20 0
Efficiency %
243.3/ H4
40
483.3/ H4
40 20 0
2415D/ H4
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
100
April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
REC3-S_DRW/H4,H6 Series
20.30 10.20 3.81
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1 Package A
32.00
3rd angle projection
Pin Connections Pin # Single -Vin -Vin NC NC +Vout - Vout +Vin +Vin Dual -Vin -Vin Com -Vout +Vout Com +Vin +Vin
4.60
0.51
15.24
2 3 9 11 14 16 22 23 2.54
Top View
Recommended Footprint Details
1.00 o+0.15/0
23 Bottom View 23 22 16 14 9 11
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
Package C
32.00 10.20 3.81 2.06 0.51
20.30 Pin Connections Pin # 1 15.24 2 10 11 12 13 15 23 24
15 13 Top View
Single +Vin +Vin NC NC -Vout + Vout NC -Vin -Vin
Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin
Recommended Footprint Details
1.00 o+0.15/0
12 Bottom View 24 23 10 11 12
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
Mechanical drawings of DIP24 SMD case
32.00 31.40 11.20 10.90 3.81 6.35 20.30 25.40 19.90
2.54
Recommended Footprint Details
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.54 2.03
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.67 24.64
1
Tol.: 0.35 mm Top View
11 x 2.54
27.94
for all packages incl.SMD case the length of plastic case is 31,8mm, length of metal case 32.0mm
www.recom-international.com April-2005 101


▲Up To Search▲   

 
Price & Availability of REC3-1233SRWH4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X